| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC855 Fiches technique(PDF) 23 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC855 Fiches technique(HTML) 23 Page - Motorola, Inc |
|
23 / 76 page ![]() MOTOROLA MPC860 Family Hardware Specifications 23 Bus Signal Timing Figure 9-6 provides the timing for the synchronous input signals. Figure 9-6. Synchronous Input Signals Timing Figure 9-7 provides normal case timing for input data. It also applies to normal read accesses under the control of the UPM in the memory controller. Figure 9-7. Input Data Timing in Normal Case Figure 9-8 provides the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.) CLKOUT TA, BI TEA, KR, RETRY, CR BB, BG, BR B16 B17 B16a B17a B16b B17 CLKOUT TA D[0:31], DP[0:3] B16 B17 B19 B18 |