Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS32F Fiches technique(PDF) 23 Page - Toshiba Semiconductor

No de pièce TMP93CS32F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Fiches technique(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-23
2002-02-20
2.1.2
Writing an OTP type Microcontrollers-Recommended Flow
In the case of blank OTP (One Time PROM) type MCU, it is not
completely possible to screen defect parts that occur during assembly
process, because it is not possible to perform programming test after a
chip is assembled in a plastic package.
As a result, it is recommended to do the following screening process to
maintain quality and reliability of OTP type MCU after data are
programmed.
Programming and verification with an
EPROM programmer.
Stored in high temperature.
125°C, more than 20 hours.
Data verification with an EPROM programmer
Board assembly
For details of the initial failure rate of OTP-type microcontrollers when
screening is not performed at 125
°C for 20 hours or more after
programming, please contact your Toshiba local offices.
Figure 2.3
Recommended Screening flow chart of type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48