Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WTS701MM/T Fiches technique(PDF) 36 Page - Winbond

No de pièce WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Fiches technique(HTML) 36 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 32Page - Winbond WTS701MM/T Datasheet HTML 33Page - Winbond WTS701MM/T Datasheet HTML 34Page - Winbond WTS701MM/T Datasheet HTML 35Page - Winbond WTS701MM/T Datasheet HTML 36Page - Winbond WTS701MM/T Datasheet HTML 37Page - Winbond WTS701MM/T Datasheet HTML 38Page - Winbond WTS701MM/T Datasheet HTML 39Page - Winbond WTS701MM/T Datasheet HTML 40Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
WTS701
- 36 -
ABBR_MEM
RETURN ABBREVIATION MEMORY
The ABBR_MEM command will return the number of bytes available in the abbreviation table in
MEM_HI and MEM_LOW.
ABBR_MEM
Class
3
Type
IV
Host controller
0xC7
0x00
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
MEM_HI
MEM_LOW
Description:
Return the number of bytes available in the abbreviation table.
ABBR_NUM
RETURN NUMBER OF ABBREVIATION ENTRIES
The ABBR_NUM command will return the number of abbreviation entries in the abbreviation table in
NUM_HI and NUM_LOW.
ABBR_NUM
Class
3
Type
IV
Host controller
0xC8
0x00
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
NUM_HI
NUM_LOW
Description:
Return the number of abbreviation entries in the abbreviation table.
ABBR_RD
READ ABBREVIATION TABLE
The ABBR_RD command will return the abbreviation table. This command must read 2048 bytes after
receiving the Status register.
ABBR_RD
Class
3
Type
IV
Host controller
0xC9
0x00
0x00
…..
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
ABBR0
…..
ABRRn
Description:
Return the 2048 bytes of abbreviations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77