Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WTS701MM/T Fiches technique(PDF) 65 Page - Winbond

No de pièce WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Fiches technique(HTML) 65 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 61Page - Winbond WTS701MM/T Datasheet HTML 62Page - Winbond WTS701MM/T Datasheet HTML 63Page - Winbond WTS701MM/T Datasheet HTML 64Page - Winbond WTS701MM/T Datasheet HTML 65Page - Winbond WTS701MM/T Datasheet HTML 66Page - Winbond WTS701MM/T Datasheet HTML 67Page - Winbond WTS701MM/T Datasheet HTML 68Page - Winbond WTS701MM/T Datasheet HTML 69Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 65 -
Revision 3.09
7.10.2. Buffer length limit
The max. character length of a white-space-bounded string is 53. The exceeding characters will be
truncated.
7.10.3. Undefined characters
All the undefined characters will be deleted (prior to the word pornunciation process). The difined
characters range from ‘0x00’ to ‘0x7A’ excluding ‘0x22’, ‘0x3E’, and ‘0x60’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77