Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WTS701EM/T Fiches technique(PDF) 29 Page - Winbond

No de pièce WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Fiches technique(HTML) 29 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 25Page - Winbond WTS701EM/T Datasheet HTML 26Page - Winbond WTS701EM/T Datasheet HTML 27Page - Winbond WTS701EM/T Datasheet HTML 28Page - Winbond WTS701EM/T Datasheet HTML 29Page - Winbond WTS701EM/T Datasheet HTML 30Page - Winbond WTS701EM/T Datasheet HTML 31Page - Winbond WTS701EM/T Datasheet HTML 32Page - Winbond WTS701EM/T Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 29 -
Revision 3.09
ST
STOP
This command immediately stops conversion without finishing buffer, and clears the buffer.
ST
Class
1
Type
I
Host controller
0x4B
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Stop conversion.
FINW
FINISH WORD
This command directs the WTS701 to finish text conversion at the end of the current word.
FINW
Class
1
Type
I
Host controller
0x4D
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
This indicates that conversion is to end with the processing of
the current word.
FIN
FINISH
This command indicates that no further conversion data is to follow and to stop conversion after
processing the current buffer contents.
FIN
Class
1
Type
I
Host controller
0x4C
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Finish conversion after processing the current buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77