| Moteur de recherche de fiches techniques de composants électroniques |
|
WTS701EM/T Fiches technique(PDF) 21 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701EM/T Fiches technique(HTML) 21 Page - Winbond |
|
21 / 77 page ![]() WTS701 Publication Release Date: May 2003 - 21 - Revision 3.09 7.3.2 Status Register The WTS701 has a sixteen-bit status register whose value is returned to the host controller during the command word. For class 2 commands, the status register is repeatedly returned every two bytes. This status register provides the host with information regarding the current status of the chip. The host can decide on required actions with this information. The Status Register is echoed back by all commands. Table 3. Status Bytes. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Status Byte 0 ICNT IBUF ICNV COD BFUL BEMP CNVT RDY Status Byte 1 R/ B Reserved Reserved Reserved Reserved IABB Reserved ICMD The contents of the status bytes are described in Table 4. |