Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WTS701MF/T Fiches technique(PDF) 11 Page - Winbond

No de pièce WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Fiches technique(HTML) 11 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 7Page - Winbond WTS701MF/T Datasheet HTML 8Page - Winbond WTS701MF/T Datasheet HTML 9Page - Winbond WTS701MF/T Datasheet HTML 10Page - Winbond WTS701MF/T Datasheet HTML 11Page - Winbond WTS701MF/T Datasheet HTML 12Page - Winbond WTS701MF/T Datasheet HTML 13Page - Winbond WTS701MF/T Datasheet HTML 14Page - Winbond WTS701MF/T Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 11 -
Revision 3.09
7. FUNCTIONAL DESCRIPTION
As a real System-On-Chip solution, the WTS701 performs the overall control functions for host
controller and text-to-speech processing.
The WTS701 system architecture consists of the following functions:
•
Serial interface to monitor the SPI port and interpret commands and data
•
Text normalization module to pre-process incoming text into pronounceable words
•
Words to phoneme translator, which converts incoming text to phoneme codes
•
Phoneme mapping module that maps incoming phonemes to words, sub-words, syllables or
phonemes present in the MLS memory
•
Volume and speed adjustments
•
Digital and analog output blocks for off-chip usage
The WTS701 system performs text-to-speech synthesis based on concatenative samples. The units
for concatenation can vary from whole words down to phoneme units. The convention is that the
larger the sub-word unit used for synthesis the higher the quality of the speech output. A corpus of
pre-recorded words is stored in Winbond’s patented multilevel storage (MLS) memory and a mapping
of the various sub-word parts is held in a lookup table. The speech creation is achieved by
concatenation of these speech elements to produce words. The system process flow is shown in
Figure 5.
Text Normalization
Words to Phoneme
Phoneme Mapper
MLS
Memory
Digital
output
Analog
output
WTS701
Speech
Serial Text,
symbols &
Control
Figure 5. WTS701 System Process Flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77