| Moteur de recherche de fiches techniques de composants électroniques |
|
WTS701MF/T Fiches technique(PDF) 58 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701MF/T Fiches technique(HTML) 58 Page - Winbond |
|
58 / 77 page ![]() WTS701 - 58 - After abbreviation entry deletion, the abbreviation entry is only deleted from the table and not used, however it still holds memory space. The only way to free all memory will be to reprogram the WTS701 firmware into the device. 7.9 DEVICE PROGRAMMING The WTS701 is fully programmable to support different available languages or different voices that can be loaded to the device whenever the user wishes to do so. The language or the voice module should be stored externally and transmitted to the WTS701 processor with regards to a specific protocol defined in this section. Programming the WTS701 consists of downloading a binary executable to the processor code memory and a digitized analog speech corpus to the non-volatile analog multi-level storage (MLS). Winbond will supply code as a set of ASCII readable data files. The information will be provided to qualified customers upon request. |