| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8521 Fiches technique(PDF) 14 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8521 Fiches technique(HTML) 14 Page - Wolfson Microelectronics plc |
|
14 / 20 page ![]() WM8521 Product Preview w PP Rev 1.3 December 2004 14 A diagram showing how the various Mute modes interact is shown below in Figure 8. AUTOMUTED (Internal Signal) 10k Ω Ω Ω Ω SOFTMUTE (Internal Signal) MUTE PIN Figure 8 Selection Logic for MUTE Modes INPUT AUDIO FORMAT SELECTION FORMAT (pin 12) controls the data input format. FORMAT INPUT DATA MODE 0 16 bit right justified 1 16–32 bit I 2S Table 3 Input Audio Format Selection INPUT DSP FORMAT SELECTION FORMAT LRCLK DATAWIDTH BCLKS LRCLK OF 4 BCLK OR LESS DURATION 0 16 bit (MSB-first, right justified) 16 bit DSP format – ‘late’ mode 1 I 2S format up to 24 bit (Philips serial data protocol) 16 bit DSP format – ‘early’ mode Table 4 DSP Interface Formats DE-EMPHASIS CONTROL DEEMPH (pin 11) is an input control for selection of de-emphasis filtering to be applied. DEEMPH DE-EMPHASIS 0 Off 1 On Table 5 De-emphasis Control |