| Moteur de recherche de fiches techniques de composants électroniques |
|
LM9822 Fiches technique(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9822 Fiches technique(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 22 page ![]() 11 www.national.com Timing Diagrams (Continued) Diagram 7: Programmable Reference Sample Timing VSMP D3 -D0 Sample Signal Sample Reference MCLK OSR,OSG, OSB CDSREF=00 CDSREF=01 CDSREF=10 CDSREF=11 Diagram 8: Clamp Timing With SMPCL = 0 VSMP Sample Signal Sample Reference MCLK OS CDSREF = 00 N N N-1 N+1 N+1 N+2 N+2 CLMP Clamp On (internal signal) Diagram 9: Clamp Timing With SMPCL = 1 VSMP Sample Signal Sample Reference MCLK OS CDSREF = 00 N N N-1 N+1 N+1 N+2 N+2 CLMP Clamp On (internal signal) Diagram 10: Configuration Register Serial Write Timing SEN SDI SCLK 0 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 XX XX R/W bit Diagram 11: Configuration Register Serial Read Timing SEN SDI SCLK 1 A3 - A0 XX XX SDO XX b7 - b0 1 A3 - A0 R/W bit |