| Moteur de recherche de fiches techniques de composants électroniques |
|
LM9822 Fiches technique(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9822 Fiches technique(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 22 page ![]() 10 www.national.com Timing Diagrams (Continued) Diagram 4: Divide by 8 Monochrome Mode Sample and Data Output Timing (Green Input Shown) VSMP OSG D7 -D0 Sample Signal Sample Reference MCLK Level Level GH GL XX XX XX XX XX XX GH GL XX H = d13-d6 L = d5-d0 ADC Clock (internal) N-1 N N N+1 N-4 N-3 XX XX DOE (Register 0, Bit 4) = 0 Diagram 5: Divide by 3 Monochrome Mode Sample and Data Output Timing (Green Input shown) VSMP D7 -D0 Sample Signal Sample Reference MCLK Level Level GH GL GH GL GH GL GH H = d13-d6 L = d5-d0 ADC Clock (internal) OSG CDSREF = 00 N N N-1 N+1 N+1 N+2 N+2 N-11 N-10 N-9 GL DOE (Register 0, Bit 4) = 0 Diagram 6: Divide by 2 Monochrome Mode Sample and Data Output Timing (Green Input shown) VSMP D7 -D0 Sample Signal Sample Reference MCLK Level Level GH GL GL GH GH GL GH GL GH GL H = d13-d6 L = d5-d0 ADC Clock (internal) OSG CDSREF = 00 N N N+1 N+1 N+2 N+2 N+3 N+3 N-1 N-1 N+4 N-11 N-10 N-9 N-8 N-7 DOE (Register 0, Bit 4) = 0 |