Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX96708 Fiches technique(PDF) 56 Page - Maxim Integrated Products

No de pièce MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Fiches technique(HTML) 56 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 52Page - Maxim Integrated Products MAX96708 Datasheet HTML 53Page - Maxim Integrated Products MAX96708 Datasheet HTML 54Page - Maxim Integrated Products MAX96708 Datasheet HTML 55Page - Maxim Integrated Products MAX96708 Datasheet HTML 56Page - Maxim Integrated Products MAX96708 Datasheet HTML 57Page - Maxim Integrated Products MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
rsvd_cd (0xCD)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD[6:0]
Reset
0b
XXXXXXXb
Access Type Write, Read
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6:0
Reserved: Do not change from default value
XXXXXXX: Reserved
rsvd_fd (0xFD)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:0]
Reset
0b
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:0
Reserved: Do not change from default value
0: Reserved
rsvd_fe (0xFE)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[3:0]
RSVD[3:0]
Reset
0b
0b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:4
Reserved: Do not change from default value
0: Reserved
RSVD
3:0
Reserved: Do not change from default value
0: Reserved
rsvd_ff (0xFF)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
RSVD[3:0]
Reset
0b
0b
0b
0b
XXXXb
Access Type Write, Read Write, Read Write, Read Write, Read
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
RSVD
4
Reserved: Do not change from default value
0: Reserved
RSVD
3:0
Reserved: Do not change from default value
XXXX: Reserved
www.maximintegrated.com
Maxim Integrated │ 56
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68