Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX96708 Fiches technique(PDF) 25 Page - Maxim Integrated Products

No de pièce MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Fiches technique(HTML) 25 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 21Page - Maxim Integrated Products MAX96708 Datasheet HTML 22Page - Maxim Integrated Products MAX96708 Datasheet HTML 23Page - Maxim Integrated Products MAX96708 Datasheet HTML 24Page - Maxim Integrated Products MAX96708 Datasheet HTML 25Page - Maxim Integrated Products MAX96708 Datasheet HTML 26Page - Maxim Integrated Products MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Figure 12. Active Output to High-Impedance Time, High Impedance to Active-Output Time Test Circuit
Figure 13. Active Output to High-Impedance Time, High Impedance to Active-Output Time
RX/SDA
DISABLE
PACKET
ENABLE
PACKET
0.9 x VIOVDD
0.1 x VIOVDD
DOUT_
tOAZ
tOAZ
UART/I2C
CL
RS/SDA
5kΩ
DOUT_
MAX96708
VIOVDD
www.maximintegrated.com
Maxim Integrated │ 25
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68