Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2 Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 7Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 8Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 9Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 10Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 11Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 12Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 13Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 14Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 26, 2016
1.4
Current Consumption Graphs
Part current consumption depends on a number of different factors including voltage, temperature, capacitive input, Mult,
resolution, and power down time. The best way to calculate the ZSSC3123’s power consumption is to measure the current
consumption with the actual setup. If measurement is not possible, then the graphs in this section can provide a starting point
for estimating the current consumption.
1.4.1
Update Mode Current Consumption
Figure 1.1
Best Case Settings (Typical Part)
Figure 1.2
Worst Case Settings (Typical Part)
1.4.2
Sleep Mode Current Consumption
Figure 1.3
Typical Current Consumption during Sleep Mode (No Measurements)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com