Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2 Fiches technique(PDF) 29 Page - Integrated Device Technology

No de pièce ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Fiches technique(HTML) 29 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 25Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 26Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 27Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 28Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 29Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 30Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 31Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 32Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
29
January 26, 2016
Power Down
Command wakes ZSSC3123
ZSSC3123
Core Activity
Serial Interface
Activity
Write new corrected signal
measurement to output register
(I
2C™ or SPI)
Power Down
Valid read
occurs
MR
DF
Cap
Conv
Temp
Conv
Ready Pin
Cap
Calc
Temp
Calc
Figure 3.7
I
2C™ and SPI Data Fetching in Sleep Mode
Note: See section 3.2 for timing of measurements.
3.4
Status and Diagnostics
Status bits (the two MSBs of the fetched high data byte, see Table 3.4) are provided in I
2C™ and SPI but not in PDM. The
status bits are used to indicate the current state of the fetched data. Diagnostic detection is available in I
2C™, SPI and PDM.
In I
2C™ and SPI diagnostics are reported as a saturated high capacitance and temperature output (see Table 3.5). In PDM,
diagnostics are reported as a railed high output level for both PDM_C (capacitive PDM) and PDM_T (temperature PDM). If a
diagnostic value is reported then one or more of the errors shown in Table 3.6 occurred in normal operation.
Configuration EEPROM diagnostics are detected at initial power-up of the ZSSC3123 or a wakeup in Sleep Mode and are
permanent diagnostics. All other diagnostics are detected during a measurement cycle and reported in the subsequent data
fetch for I
2C™ or SPI or output register update for PDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com