Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8468000000 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 8468000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

8468000000 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 8468000000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
www.Rose-Bopla.com
4
Secondary Services
IRRIDITING/
CHROMATING/
ANODIZING
RFI/EMC
SHIELDING
PAINTING
POWDER/COATING
SCREEN
PRINTING
ENGRAVING
For greater chemical resistance to corrosion in aluminum housings, consider
using a chemical treatment process like irriditing, chromating, or anodizing.
Subsequent priming and painting give lasting protection from corrosive
attacks. Anodizing is available in black, or clear as standard.
RFI spray on plastic and fiberglass housings offers protection for your design
against adverse interference or radiation. We can also install RFI gaskets,
on request.
We routinely paint to customer requirements in smooth or textured finishes,
using Federal Standard 595A colors, RAL colors, or other special colors.
Using the screen print process, we are able to print your data on all housings
and front plates. Silk-screen inks are available in several colors and are
resistant to most solvents. Rose
+Bopla creates screens in-house and can
provide artwork services, if required.
Rose
+Bopla offers engraving services using any alphabet or outline.
Engraving is performed in-house by computer controlled machines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More