| Moteur de recherche de fiches techniques de composants électroniques |
|
8468000000 Fiches technique(PDF) 54 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8468000000 Fiches technique(HTML) 54 Page - List of Unclassifed Manufacturers |
|
54 / 164 page ![]() www.Rose-Bopla.com 52 Description Accessories Part Number Description P.C. Card Slot Sizes Height Inches/mm Width Inches/mm Length Inches/mm 5.12 / 130 5.12 / 130 7.72 / 196 4.09 / 104 6.50 / 165 7.68 / 195 5.67 / 144 5.67 / 144 1.77 / 45 2.72 / 69 4.17 / 106 3.31 / 84 4.13 / 105 6.55 / 166 2.66 / 67 1.69 / 43 • Aluminum electronic enclosures for telecommunications and measurement control technology • Sold by the meter and cut to custom lengths to meet design needs • Versions with flange mounting rails integrated into sides • Different lid versions depending on enclosure type • Integrated guide slots for PCBs Custom Build-A-Box® Included in delivery Extrusion only. Sold by the meter. Technical Data Material Ingress Protection Temperature Resistance Bare aluminum extrusion Al Mg Si 0.5 IP 40 to EN 60529 (dustight) with aluminum plate lid IP 65 to EN 60529 (watertight) with die-cast aluminum lid -40°F to +212°F with aluminum plate lids -22°F to +176°F with die-cast aluminum lids Part Number 07011100 00 07021100 00 07031100 00 07051100 00 07061100 00 07071100 00 07101102 00 07111102 00 100 mm 100 mm 100 mm / 160 100 mm / 80.5 100 mm / 160 160 mm / 189.5 100 mm 100 mm 39.37 / 1000 39.37 / 1000 39.37 / 1000 39.37 / 1000 39.37 / 1000 39.37 / 1000 39.34 / 1000 39.37 / 1000 Part Number 07019509 00 07019509 08 07029507 50 07029507 58 07110618 20 07110618 28 07100618 20 07100618 28 07038916 00 07038916 08 07031200 10 07031200 18 07059521 00 07059521 08 07059520 00 07059520 08 07051200 70 07051200 78 07051200 50 07051200 58 07051200 60 07051200 68 07069521 10 07069521 18 07069520 10 07069520 18 07061200 70 07061200 78 07061200 80 07061200 88 07061200 90 07061200 98 07061200 00 07061200 08 07061200 91 07061200 92 07808003 50 07079521 20 07079521 28 07079520 20 07079520 28 07071201 30 07071201 38 07071201 10 07071201 18 07071201 20 07071201 28 07071201 40 07071201 48 07808004 50 10093032 00 10093270 00 10093212 00 10094102 00 Dustight lid painted black with lid screws for 0701 Dustight lid unpainted with lid screws for 0701 Dustight lid painted with lid screws for 0702 Dustight lid unpainted with lid screws for 0702 Watertight lid painted with lid screws and gasket for 0711 Watertight lid unpainted with lid screws and gasket for 0711 Watertight lid painted with lid screws and gasket for 0710 Watertight lid unpainted with lid screws and gasket for 0710 Dustight wall mount lid painted with lid screws for 0703 Dustight wall mount lid unpainted with lids screws for 0703 Watertight die-cast lid painted with lid screws and gasket for 0703 Watertight die-cast lid unpainted with lid screws and gasket for 0703 Dustight lid painted with lid screws for 0705 Dustight lid unpainted with lid screws for 0705 Dustight wall mount lid painted with lid screws for 0705 Dustight wall mount lid unpainted with lid screws for 0705 Watertight die-cast lid painted with lid screws and gasket for 0705 Watertight die-cast lid unpainted with lid screws and gasket for 0705 Watertight wall mount die cast lid painted with lid screws and gasket for 0705 Watertight wall mount die cast lid painted with lid screws and gasket for 0705 Watertight die cast bezel lid with screws and gasket for 0705 Watertight die cast bezel lid with screws and gasket for 0705 Dustight lid painted with lid screws for 0706 Dustight lid unpainted with lid screws for 0706 Dustight wall mount lid painted with lid screws for 0706 Dustight wall mount lid unpainted with lid screws for 0706 Watertight die-cast lid painted with lid screws and gasket for 0706 Watertight die-cast lid unpainted with lid screws and gasket for 0706 Watertight wall mount die-cast lid painted with lid screws and gasket for 0706 Watertight wall mount die-cast lid unpainted with lid screws and gasket for 0706 Watertight die cast bezel lid painted with lid screws and gasket for 0706 Watertight die-cast bezel lid unpainted with screws and gasket for 0706 Watertight die-cast membrane bezel lid painted with lid screws and gasket for 0706 Watertight die-cast membrane bezel lid unpainted with lid screws and gasket for 0706 Watertight die cast lid w/clear door & snap lock painted with lid screws and gasket for 0706 Watertight die cast lid w/clear door & key lock painted with lid screws, gasket and key for 0706 Watertight die cast membrane bezel lid w/clear pc door & side latch painted with screws and gasket for 0706 Dustight lid painted with lid screws for 0707 Dustight lid unpainted with lid screws for 0707 Dustight wall mount lid painted with lid screws for 0707 Dustight wall mount lid unpainted with lid screws for 0707 Watertight die cast lid unpainted with lid screws for 0707 Watertight die cast lid unpainted with lid screws and gasket for 0707 Wall mount die cast lid painted with lid screws and gasket for 0707 Watertight wall mount die-cast lid unpainted with lid screws and gasket for 0707 Watertight die-cast bezel lid painted with lid screws and gasket for 0707 Watertight die-cast bezel lid unpainted with lid screws and gasket for 0707 Watertight die-cast membrane bezel lid painted with lid screws and gasket for 0707 Watertight die-cast membrane bezel lid unpainted with lid screws and gasket for 0707 Watertight die-cast lid w/clear door & side latch painted with lid screws and gasket for 0707 Stainless steel lid screw M3 x 6 mm for 0701 and 0702 Phillips head screw for watertight lid, M4x18 mm for 0711, 0710, 0703, 0705, 0706, 0707 Slotted countersink screw for dustight lid, M4x6mm for 0703, 0705, 0706, 0707 Table feet (sold as each) Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. All extrusions sold in 1 meter lengths. |