| Moteur de recherche de fiches techniques de composants électroniques |
|
8468000000 Fiches technique(PDF) 103 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8468000000 Fiches technique(HTML) 103 Page - List of Unclassifed Manufacturers |
|
103 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 101 Part Number External Dimensions Inches L x W x H L x W x H 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 159.4 x 77.9 x 33.5 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 209.3 x 98.0 x 34.8 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 6.27 x 3.07 x 1.32 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 8.24 x 3.86 x 1.37 IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 40/65* IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 Model Number BS 600 F-7024 BS 600 F-7035 BS 600 F-S** BS 600 DIS-7024 BS 600 DIS-7035 BS 600 DIS-S** BS 601 F-7024 BS 601 F-7035 BS 601 F-S** BS 601 DIS-7024 BS 601 DIS-7035 BS 601 DIS-S** BS 602 F-7024 BS 602 F-7035 BS 602 F-S** BS 602 DIS-7024 BS 602 DIS-7035 BS 602 DIS-S** BS 603 F-7024 BS 603 F-7035 BS 603 F-S** BS 603 DIS-7024 BS 603 DIS-7035 BS 603 DIS-S** BS 604 F-7024 BS 604 F-7035 BS 604 F-S** BS 604 DIS-7024 BS 604 DIS-7035 BS 604 DIS-S** BS 800 F-7024 BS 800 F-7035 BS 800 F-S** BS 800 DIS-7024 BS 800 DIS-7035 BS 800 DIS-S** BS 801 F-7024 BS 801 F-7035 BS 801 F-S** BS 801 DIS-7024 BS 801 DIS-7035 BS 801 DIS-S** BS 802 F-7024 BS 802 F-7035 BS 802 F-S** BS 802 DIS-7024 BS 802 DIS-7035 BS 802 DIS-S** BS 803 F-7024 BS 803 F-7035 BS 803 F-S** BS 803 DIS-7024 BS 803 DIS-7035 BS 803 DIS-S** BS 804 F-7024 BS 804 F-7035 BS 804 F-S** BS 804 DIS-7024 BS 804 DIS-7035 BS 804 DIS-S** 82600124 00 82600135 00 82600100 00 82600224 00 82600235 00 82600200 00 82601124 00 82601135 00 82601100 00 82601224 00 82601235 00 82601200 00 82602124 00 82602135 00 82602100 00 82602224 00 82602235 00 82602200 00 82603124 00 82603135 00 82603100 00 82603224 00 82603235 00 82603200 00 82604124 00 82604135 00 82604100 00 82604224 00 82604235 00 82604200 00 82800124 00 82800135 00 82800100 00 82800224 00 82800235 00 82800200 00 82801124 00 82801135 00 82801100 00 82801224 00 82801235 00 82801200 00 82802124 00 82802135 00 82502100 00 82802224 00 82802235 00 82802200 00 82803124 00 82803135 00 82803100 00 82803224 00 82803235 00 82803200 00 82804124 00 82804135 00 82804100 00 82804224 00 82804235 00 82804200 00 Dimensions mm Description Continuous membrane surface, graphite gray, similar to RAL 7024 Continuous membrane surface, light gray, similar to RAL 7035 Continuous membrane surface, silver With display cut-out, graphite gray, similar to RAL 7024 With display cut-out, light gray, similar to RAL 7035 With display cut-out, silver Continuous membrane surface, battery compartment 3 AA, graphite gray, similar to RAL 7024 Continuous membrane surface, battery compartment 3 AA, light gray, similar to RAL 7035 Continuous membrane surface, battery cmompartment 3 AA, silver With display cut-out, battery compartment 3 AA, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 3 AA, light gray, similar to RAL 7035 With display cut-out, battery compartment 3 AA, silver Continuous membrane surface, fitted round cord seal, graphite gray, similar to RAL 7024 Continuous membrane surface, fitted round cord seal, light gray, similar to RAL 7035 Continuous membrane surface, fitted round cord seal, silver With display cut-out, fitted round cord seal, graphite gray, similar to RAL 7024 With display cut-out, fitted round cord seal, light gray, similar to RAL 7035 With display cut-out, fitted round cord seal, silver Continuous membrane surface, battery compartment 3 AA, graphite gray, similar to RAL 7024 Continuous membrane surface, battery compartment 3 AA, light gray, similar to RAL 7035 Continuous membrane surface, battery compartment 3 AA, silver With display cut-out, battery compartment 3 AA, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 3 AA, light gray, similar to RAL 7035 With display cut-out, battery compartment 3 AA. silver Continuous membrane surface, battery compartment 3 AA, fitted round cord seal, graphite gray, similar to RAL 7024 Continuous membrane surface, battery compartment 3 AA, fitted round cord seal, light gray, similar to RAL 7035 Continuous membrane surface, battery compartment 3 AA, fitted round cord seal, silver With display cut-put, battery compartment 3 AA, fitted round cord seal, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 3 AA, fitted round cord seal, light gray, similar to RAL 7035 With display cut-out, battery compartment 3 AA, fitted round cord seal, silver Continuous membrane surface, graphite gray, similar to RAL 7024 Continuous membrane surface, light gray, similar to RAL 7035 Continuous membrane surface, silver With display cut-out, graphite gray, similar to RAL 7024 With display cut-out, light gray, similar to RAL 7035 With display cut-out, silver Continuous membrane surface, battery compartment 4 AA, graphite gray, similar to RAL 7024 Continuous membrane surface, battery compartment 4 AA, light gray, similar to RAL 7035 Continuous membrane surface, battery compartment 4 AA, silver With display cut-out, battery compartment 4 AA, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 4 AA, light gray, similar to RAL 7035 With display cut-out, battery compartment 4 AA, silver Continuous membrane surface, fitted round cord seal, graphite gray, similar to RAL 7024 Continuous membrane surface, fitted round cord seal, light gray, similar to RAL 7035 Continuous membrane surface, fitted round cord seal, silver With display cut-out, fitted round cord seal, graphite gray, similar to RAL 7024 With display cut-out, fitted round cord seal, light gray, similar to RAL 7035 With display cut-out, fitted round cord seal, silver Continuous membrane surface, battery compartment 4 AA, graphite gray, similar to RAL 7024 Continuous membrane surface, battery compartment 4 AA, light gray, similar to RAL 7035 Continuous membrane surface, battery compartment 4 AA, silver With display cut-out, battery compartment 4 AA, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 4 AA, light gray, similar to RAL 7035 With display cut-out, battery compartment 4 AA, silver Continuous membrane surface, fitted round cord seal, graphite gray, similar to RAL 7024 Continuous membrane surface, fitted round cord seal, light gray, similar to RAL 7035 Continuous membrane surface, fitted round cord seal, silver With display cut-out, battery compartment 4 AA, fitted round cord seal, graphite gray, similar to RAL 7024 With display cut-out, battery compartment 4 AA, fitted round cord seal, light gray, similar to RAL 7035 With display cut-out, battery compartment 4 AA, fitted round cord seal, silver Part Number Part Number Model Number Model Number Description BS 400 DI-D-1003 BS 400 DI-D-3001 BS 400 DI-D-5005 BS 400 DI-D-6032 BS 400 DI-D-7024 BS 600 DI-D-1003 BS 600 DI-D-3001 BS 600 DI-D-5005 BS 600 DI-D-6032 BS 600 DI-D-7024 BS 800 DI-D-1003 BS 800 DI-D-3001 BS 800 DI-D-5005 BS 800 DI-D-6032 BS 800 DI-D-7024 BS SA-7024 BS SA-7035 82841003 00 82843001 00 82845005 00 82846032 00 82847024 00 82861003 00 82863001 00 82865005 00 82866032 00 82867024 00 82881003 00 82883001 00 82885005 00 82886032 00 82887024 00 82800011 00 82800010 00 Decorative seal, signal yellow, similar to RAL 1003 Decorative seal, signal red, similar to RAL 3001 Decorative seal, signal blue, similar to RAL 5005 Decorative seal, signal green, similar to RAL 6032 Decorative seal, graphite gray, similar to RAL 7024 Decorative seal, signal yellow, similar to RAL 1003 Decorative seal, signal red, similar to RAL 3001 Decorative seal, signal blue, similar to RAL 5005 Decorative seal, signal green, similar to RAL 6032 Decorative seal, graphite gray, similar to RAL 7024 Decorative seal, signal yellow, similar to RAL 1003 Decorative seal, signal red, similar to RAL 3001 Decorative seal, signal blue, similar to RAL 5005 Decorative seal, signal green, similar to RA: 6032 Decorative seal, graphite gray, similar to RAL 7024 Screw covers, graphite gray, similar to RAL 7024 Screw covers, light gray, similar to RAL 7035 Accessories * IP 65 and anti-knock protection when decorative seal BS 400 DI-D... is used **Available on request - minimum order quantity 100 pieces Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. Note: Screw covers are not required if decorative seal DI-D is used. Description Protection Classification |