| Moteur de recherche de fiches techniques de composants électroniques |
|
WM9713 Fiches technique(PDF) 60 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9713 Fiches technique(HTML) 60 Page - Wolfson Microelectronics plc |
|
60 / 111 page ![]() WM9713L Preliminary Technical Data 1 PTD, March 2004, Rev 2.2 60 Figure 17 X Co-ordinate Measurement on 4-wire Touchpanel For an X co-ordinate measurement, the X+ pin is internally switched to VDD and X- to GND. The X plate becomes a potential divider, and the voltage at the point of contact is proportional to its X co- ordinate. This voltage is measured on the Y+ and Y- pins, which carry no current (hence there is no voltage drop in RY+ or RY-). Due to the ratiometric measurement method, the supply voltage does not affect measurement accuracy. The voltage references VREF+ and VREF- are taken from after the matrix switches, so that any voltage drop in these switches has no effect on the ADC measurement. Figure 18 Y Co-ordinate Measurement on 4-wire Touchpanel Y co-ordinate measurements are similar to X co-ordinate measurements, with the X and Y plates interchanged. Figure 19 Pen Down Detection on 4-wire Touchpanel |