Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1050ACPZ-R7 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Fiches technique(HTML) 25 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
ADP1050
Data Sheet
To minimize trace length, the proper amount of decoupling
capacitance must be placed between the VDD pin (Pin 16) and the
AGND pin (Pin 17), as close as possible to the device. The same
requirement applies to the VCORE pin (Pin 15). It is recommended
that the VCORE pin not be used as a reference or to generate
other logic levels using resistive dividers.
CHIP PASSWORD
On power-up, some registers in the ADP1050 are locked and
protected from being written to or read from. When the chip is
locked, the following commands and all read only registers are
accessible:
•
Operation
•
ON_OFF_CONFIG
•
CLEAR_FAULTS
•
WRITE_PROTECT
•
RESTORE_DEFAULT_ALL
•
VOUT_COMMAND
•
VOUT_TRIM
•
VOUT_CAL_OFFSET
Unlock the Chip Password
To unlock the chip password, perform two consecutive writes
with the correct password (default value = 0xFFFF) using the
CHIP_PASSWORD command (Register 0xD7). Between the two
write actions, any read or write action to another register in this
device interrupts the unlocking of the chip password. The
CHIP_PASSWORD_UNLOCKED flag (Register 0xFEA0[7])
is set to indicate that the chip password is unlocked for access.
Lock the Chip Password
To lock the chip password, use the CHIP_PASSWORD command
(Register 0xD7) to write any value other than the correct password.
The CHIP_PASSWORD_UNLOCKED flag (Register 0xFEA0[7])
is then cleared to indicate that the chip password is locked from
access.
Change the Chip Password
To change the chip password, first write the old password using the
CHIP_PASSWORD command (Register 0xD7). Next, write the
new password using the same command. The chip password is
changed to the new password. If the chip password is to be changed
permanently, the register contents must be saved in the EEPROM
after the chip password is changed. If the correct chip password is
lost, the RESTORE_DEFAULT_ALL command (Register 0x12)
restores the factory default settings. In this case, all the user settings
are reset.
Rev. A | Page 24 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93