| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1050ACPZ-R7 Fiches technique(PDF) 91 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1050ACPZ-R7 Fiches technique(HTML) 91 Page - Analog Devices |
|
91 / 93 page ![]() ADP1050 Data Sheet Table 165. Register 0xFEA6—First Flag ID Bits Bit Name/Function R/W Description [7:4] Previous first flag ID R These bits return the flag fault ID of the flag that caused the previous shutdown of the power supply. This previous shutdown occurred before the shutdown caused by the fault identified in Bits[3:0]. Bit 7 Bit 6 Bit 5 Bit 4 First Flag 0 0 0 0 No flag 0 0 0 1 IIN_OC_FAST_FAULT 0 0 1 0 Reserved 0 0 1 1 CS3_OC_FAULT 0 1 0 0 VOUT_OV_FAULT 0 1 0 1 VOUT_UV_FAULT 0 1 1 0 VIN_UV_FAULT 0 1 1 1 FLAGIN 1 0 0 0 Reserved 1 0 0 1 OT_FAULT 1 0 1 0 Reserved 1 0 1 1 Reserved 1 1 0 0 Reserved 1 1 0 1 Reserved 1 1 1 0 Reserved 1 1 1 1 Reserved [3:0] Current first flag ID R These bits return the flag fault ID of the fault that caused the shutdown of the power supply. Bit 3 Bit 2 Bit 1 Bit 0 First Flag 0 0 0 0 No flag 0 0 0 1 IIN_OC_FAST_FAULT 0 0 1 0 Reserved 0 0 1 1 CS3_OC_FAULT 0 1 0 0 VOUT_OV_FAULT 0 1 0 1 VOUT_UV_FAULT 0 1 1 0 VIN_UV_FAULT 0 1 1 1 FLAGIN 1 0 0 0 Reserved 1 0 0 1 OT_FAULT 1 0 1 0 Reserved 1 0 1 1 Reserved 1 1 0 0 Reserved 1 1 0 1 Reserved 1 1 1 0 Reserved 1 1 1 1 Reserved Rev. A | Page 90 of 92 |