Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9142ABCPZRL Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 11Page - Analog Devices AD9142ABCPZRL Datasheet HTML 12Page - Analog Devices AD9142ABCPZRL Datasheet HTML 13Page - Analog Devices AD9142ABCPZRL Datasheet HTML 14Page - Analog Devices AD9142ABCPZRL Datasheet HTML 15Page - Analog Devices AD9142ABCPZRL Datasheet HTML 16Page - Analog Devices AD9142ABCPZRL Datasheet HTML 17Page - Analog Devices AD9142ABCPZRL Datasheet HTML 18Page - Analog Devices AD9142ABCPZRL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
AD9142A
Data Sheet
Pin No.
Mnemonic
Description
71
CVDD18
1.8 V Clock Supply. Pin 71 supplies the clock receivers, clock multiplier, and clock distribution.
72
CVDD18
1.8 V Clock Supply. Pin 72 supplies the clock receivers, clock multiplier, and clock distribution.
EPAD
Exposed Pad. The exposed pad (EPAD) must be soldered to the ground plane (AVSS, DVSS, CVSS). The
EPAD provides an electrical, thermal, and mechanical connection to the board.
Rev. A | Page 14 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73