Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9142ABCPZRL Fiches technique(PDF) 49 Page - Analog Devices

No de pièce AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Fiches technique(HTML) 49 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 45Page - Analog Devices AD9142ABCPZRL Datasheet HTML 46Page - Analog Devices AD9142ABCPZRL Datasheet HTML 47Page - Analog Devices AD9142ABCPZRL Datasheet HTML 48Page - Analog Devices AD9142ABCPZRL Datasheet HTML 49Page - Analog Devices AD9142ABCPZRL Datasheet HTML 50Page - Analog Devices AD9142ABCPZRL Datasheet HTML 51Page - Analog Devices AD9142ABCPZRL Datasheet HTML 52Page - Analog Devices AD9142ABCPZRL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
AD9142A
Data Sheet
/* Configure data interface */
0x5E → 0x00 /* Configure the delay setting */
0x5F → 0x60
0x0D → 0x16 /* DC couple DCI */
0x0A → 0x00 /* Turn off DLL and duty cycle
correction */
/* Configure interpolation filter */
0x28 → 0x03 /* 8× interpolation */
/* Reset FIFO */
0x25 → 0x01
Read 0x25[1] /* Expect 1b if the FIFO reset is
complete */
Read 0x24 /* The readback should be one of the
three values: 0x37, 0x40, or 0x41 */
/* Enable inverse sinc filter */
0x27 → 0x80
/* Power up DAC outputs */
0x01 → 0x00
Rev. A | Page 48 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73