Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6820ACPZ-R7 Fiches technique(PDF) 42 Page - Analog Devices

No de pièce ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Fiches technique(HTML) 42 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 42 of 45
Address: 0x40, Reset: 0x0010, Name: PFD_CTL2
Table 33. Bit Descriptions for PFD_CTL2
Bits
Bit Name
Settings
Description
Reset
Access
[6:5]
ABLDLY
Set antibacklash delay
0x0
RW
00
0 ns
01
0.5 ns
10
0.75 ns
11
0.9 ns
[4:2]
CPCTRL
Set charge pump control
0x4
RW
000
Both on
001
Pump down
010
Pump up
011
Tristate
100
PFD
[1:0]
CLKEDGE
Set PFD edge sensitivity
0x0
RW
00
Div and REF down edge
01
Div down edge, REF up edge
10
Div up edge, REF down edge
11
Div and REF up edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45