| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F575BSPMC Fiches technique(PDF) 23 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F575BSPMC Fiches technique(HTML) 23 Page - Cypress Semiconductor |
|
23 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 23 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 86 P122 J General-Purpose I/O Port OCU0_0 Output Compare Output pin ch.0 relocation 0 SCK5_0 LIN_UART Serial Clock I/O pin ch.5 relocation 0 TOT3_0 Reload Timer Output pin ch.3 relocation 0 PPG7_2 PPG Output pin ch.7 relocation 2 AN38 ADC Analog Input pin ch.38 87 P121 J General-Purpose I/O Port FRCK0_0 Free-Run Timer Clock Input pin ch.0 relocation 0 SOT5_0 LIN_UART Serial Output pin ch.5 relocation 0 INT7_0 External Interrupt Request Input pin ch.7 relocation 0 TOT2_0 Reload Timer Output pin ch.2 relocation 0 PPG6_2 PPG Output pin ch.6 relocation 2 AN37 ADC Analog Input pin ch.37 88 P120 J General-Purpose I/O Port FRCK1_0 Free-Run Timer Clock Input pin ch.1 relocation 0 SIN5_0 LIN_UART Serial Input pin ch.5 relocation 0 INT6_0 External Interrupt Request Input pin ch.6 relocation 0 TOT1_0 Reload Timer Output pin ch.1 relocation 0 PPG5_2 PPG Output pin ch.5 relocation 2 AN36 ADC Analog Input pin ch.36 89 P117 J General-Purpose I/O Port SCK4_0 LIN_UART Serial Clock I/O pin ch.4 relocation 0 TOT0_0 Reload Timer Output pin ch.0 relocation 0 SGO3 Sound Generator SGO Output pin ch.3 TRG4 PPG Trigger Input pin 4 (ch.16-ch.19) FRCK2_0 Free-Run Timer Clock Input pin ch.2 relocation 0 AN35 ADC Analog Input pin ch.35 90 P116 J General-Purpose I/O Port SOT4_0 LIN_UART Serial Output pin ch.4 relocation 0 TIN3_0 Reload Timer Event Input pin ch.3 relocation 0 SGA3 Sound Generator SGA Output pin ch.3 FRCK3_0 Free-Run Timer Clock Input pin ch.3 relocation 0 AN34 ADC Analog Input pin ch.34 91 P115 J General-Purpose I/O Port SIN4_0 LIN_UART Serial Input pin ch.4 relocation 0 TIN2_0 Reload Timer Event Input pin ch.2 relocation 0 SGO2 Sound Generator SGO Output pin ch.2 FRCK4_0 Free-Run Timer Clock Input pin ch.4 relocation 0 AN33 ADC Analog Input pin ch.33 |