| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F575BSPMC Fiches technique(PDF) 17 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F575BSPMC Fiches technique(HTML) 17 Page - Cypress Semiconductor |
|
17 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 17 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 26 P043 I General-Purpose I/O Port A13 External Bus Address Output pin SEG27 LCDC Segment(Duty)Output pin ST4 LCDC Segment(Static)Output pin BIN0_0 Up/down Counter BIN Input pin ch.0 relocation 0 SGA4_0 Sound Generator SGA Output pin ch.4 relocation 0 OCU6_1 Output Compare Output pin ch.6 relocation 1 27 P044 I General-Purpose I/O Port A14 External Bus Address Output pin SEG28 LCDC Segment(Duty)Output pin ST5 LCDC Segment(Static)Output pin ZIN0_0 Up/down Counter ZIN Input pin ch.0 relocation 0 SGO4_0 Sound Generator SGO Output pin ch.4 relocation 0 OCU7_1 Output Compare Output pin ch.7 relocation 1 28 P045 I General-Purpose I/O Port A15 External Bus Address Output pin SEG29 LCDC Segment(Duty)Output pin ST6 LCDC Segment(Static)Output pin AIN1_0 Up/down Counter AIN Input pin ch.1 relocation 0 SIN8_2 Multi-function Serial Input pin ch.8 relocation 2 29 P046 I General-Purpose I/O Port A16 External Bus Address Output pin SEG30 LCDC Segment(Duty)Output pin ST7 LCDC Segment(Static)Output pin BIN1_0 Up/down Counter BIN Input pin ch.1 relocation 0 SOT8_2 Multi-function Serial Output pin ch.8 relocation 2 30 P047 I General-Purpose I/O Port A17 External Bus Address Output pin SEG31 LCDC Segment(Duty)Output pin ST8 LCDC Segment(Static)Output pin ZIN1_0 Up/down Counter ZIN Input pin ch.1 relocation 0 SCK8_2 Multi-function Serial Clock I/O pin ch.8 relocation 2 31 P050 I General-Purpose I/O Port A18 External Bus Address Output pin COM0 LCDC Segment(Duty)Common Output pin OCU8_1 Output Compare Output pin ch.8 relocation 1 32 P051 I General-Purpose I/O Port A19 External Bus Address Output pin COM1 LCDC Segment(Duty)Common Output pin OCU9_1 Output Compare Output pin ch.9 relocation 1 |