| Moteur de recherche de fiches techniques de composants électroniques |
|
IRMCS2011 Fiches technique(PDF) 16 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2011 Fiches technique(HTML) 16 Page - International Rectifier |
|
16 / 25 page ![]() REFERENCE DESIGN IRMCS2011 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 15 After entering a speed and selecting forward or reverse, click OK in the dialog and then double-click the Reference Speed entry in the tree view to execute the operation. ServoDesigner calculates the appropriate value to be written the host register (based on your specified speed and direction) and performs the write operation. Figure 11. Setup for Reference Speed Function Step 7. Drive Status The Info button on the toolbar (letter “i”) executes the pre-defined Drive Status function, which reads a group of host registers associated with the function. To get drive status, click the Info button or double-click the Drive Status entry in the tree view. After you’ve executed the function, click on Drive Status in the tree view (if it’s not already selected). In the right pane of the main window, the values read from the Drive Status registers are shown in the Current Value column. |