Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRMCS2011 Fiches technique(PDF) 7 Page - International Rectifier

No de pièce IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Fiches technique(HTML) 7 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 3Page - International Rectifier IRMCS2011 Datasheet HTML 4Page - International Rectifier IRMCS2011 Datasheet HTML 5Page - International Rectifier IRMCS2011 Datasheet HTML 6Page - International Rectifier IRMCS2011 Datasheet HTML 7Page - International Rectifier IRMCS2011 Datasheet HTML 8Page - International Rectifier IRMCS2011 Datasheet HTML 9Page - International Rectifier IRMCS2011 Datasheet HTML 10Page - International Rectifier IRMCS2011 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
6
ATTENTION: The IRMCS2011 system contains ESD (Electrostatic Discharge) sensitive
parts and assemblies. Static control precautions are required when installing, testing,
servicing or repairing this assembly. Component damage may result if ESD control
procedures are not followed. If you are not familiar with static control procedures, reference
applicable ESD protection handbook and guideline.
!
ATTENTION: An incorrectly applied or installed drive can result in component damage or
reduction in product life. Wiring or application errors such as undersizing the motor,
supplying an incorrect or inadequate AC supply, or excessive ambient temperatures may
result in system malfunction.
!
2.2 Unpacking and Inspecting
The IRMCS2011 system is shipped with packing materials that need to be removed prior to installation.
ATTENTION: Failure to remove all debris and packing materials, which are unnecessary
for system installation, may result in overheating or abnormal operating condition.
!
After unpacking, check the items. The following hardware pieces are contained in the IRMCS2011 system.
•
IRMCS2011 board with integrated heat sink
•
Serial RS232C cable with 9-pin D-sub connectors for ServoDesigner
TM development tool
•
Installation CD
Before you install and start up the system, check if there is any damaged component. In that case, stop proceeding and
contact our technical support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25