Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC1197LP7FE Fiches technique(PDF) 1 Page - Analog Devices

No de pièce HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Fiches technique(HTML) 1 Page - Analog Devices

  HMC1197LP7FE Datasheet HTML 1Page - Analog Devices HMC1197LP7FE Datasheet HTML 2Page - Analog Devices HMC1197LP7FE Datasheet HTML 3Page - Analog Devices HMC1197LP7FE Datasheet HTML 4Page - Analog Devices HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
HMC1197LP7FE
1
General description
Features
Functional diagram
typical applications
The HMC1197LP7FE is a low noise, high linearity Direct Quadrature Modulator with Fractional-N PLL&VCO RFIC
which is ideal for digital modulation applications from 0.1 to 4.0 GHz including; Cellular/3G, LTE/WiMAX/4G, Broadband
Wireless Access & ISM circuits housed in a compact 7x7 mm (LP7) SMT QFN package, the HMC1197LP7FE RFIC
requires minimal external components & provides a low cost alternative to more complicated double upconversion
architectures. The RF output port is single-ended and matched to 50 Ohms with no external components.
Auxiliary LO output (differential or single-ended), enables the HMC1197LP7FE to distribute identical frequency and
phase signals to multiple destinations. Individual gain settings ensure optimal signal levels tailored to each output.
External VCO input allows the HMC1197LP7FE to lock external VCOs, and enables cascaded LO architectures for
MIMO radio applications. Two separate Charge Pump (CP) outputs enable separate loop filters optimized for both
integrated and external VCOs, and seamless switching between integrated or external VCOs during operation.
Programmable RF output phase feature can further phase adjust and synchronize multiple HMC1197LP7FEs enabling
scalable MIMO and beam-forming radio architectures.
Integrated programmable Low Pass Filter (LPF) on the modulator LO input ensures no LO harmonic contribution to
modulator sideband rejection performance. Sixteen programmable LPF bands enable true wideband operation,
eliminating the need for external band specific harmonic filtering hardware.
Additional features include configurable LO output mute function. Exact Frequency Mode that enables the
HMC1197LP7FE to generate fractional frequencies with 0 Hz frequency error and the ability to synchronously change
frequencies without changing the phase of the output signal.
Very Low Noise Floor, -159.5 dBm/Hz
Excellent Carrier & Sideband Suppression
Very High Linearity, +28.5 dBm OIP3
High Output Power, +10.5 dBm Output P1dB
High Modulation Accuracy
Maximum Phase Detector Rate: 100 MHz
Low Phase Noise: -110 dBc/Hz in Band Typical
PLL FOM:
-230 dBc/Hz Integer Mode, -227 dBc/Hz Fractional
Mode
< 180 fs Integrated RMS Jitter (1 kHz to 20 MHz)
Differential Auxiliary LO output
External LO Input
Exact Frequency Mode:
0 Hz Fractional Frequency Error
Programmable RF Output Phase
Output Phase Synchronous Frequency Changes
Output Phase Synchronization
Internal LO Mute Function
48 Lead 7x7 mm QFN Package: 49 mm2
The HMC1197LP7FE is Ideal for:
• Multiband/Multi-standard Cellular BTS Diversity
Transmitters
• Fixed Wireless or WLL
• ISM Transceivers, 900 & 2400 MHz
• GMSK, QPSK, QAM, SSB Modulators
• Multiband Basestations & Repeaters
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Numéro de pièce similaire - HMC1197LP7FE

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC1197LP7FE HITTITE-HMC1197LP7FE Datasheet
2Mb / 34P
Fixed Wireless or WLL
More results

Description similaire - HMC1197LP7FE

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
ANAD-158W-A-6-SM MACOM-ANAD-158W-A-6-SM Datasheet
94Kb / 2P
WLL Subscriber Antenna
logo
SeCoS Halbleitertechnol...
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
Adjustable or Fixed-Mode Regulator
logo
Hittite Microwave Corpo...
HMC1197LP7FE HITTITE-HMC1197LP7FE Datasheet
2Mb / 34P
Fixed Wireless or WLL
logo
EPCOS
B5251 EPCOS-B5251 Datasheet
74Kb / 7P
SAW IF filter WLL
logo
Z-Communications, Inc
CLV3440A-LF ZCOMM-CLV3440A-LF Datasheet
114Kb / 2P
Voltage-Controlled Oscillator Fixed Wireless Equipment
logo
M/A-COM Technology Solu...
CSM2-10 MA-COM-CSM2-10 Datasheet
91Kb / 3P
PCS/WLL Applications
CSM2-13 MA-COM-CSM2-13 Datasheet
100Kb / 3P
PCS/WLL Applications
CSM2-17 MA-COM-CSM2-17 Datasheet
100Kb / 3P
PCS/WLL Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57