Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970 Fiches technique(PDF) 144 Page - Advanced Micro Devices

No de pièce AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Fiches technique(HTML) 144 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 140Page - Advanced Micro Devices AM79C970 Datasheet HTML 141Page - Advanced Micro Devices AM79C970 Datasheet HTML 142Page - Advanced Micro Devices AM79C970 Datasheet HTML 143Page - Advanced Micro Devices AM79C970 Datasheet HTML 144Page - Advanced Micro Devices AM79C970 Datasheet HTML 145Page - Advanced Micro Devices AM79C970 Datasheet HTML 146Page - Advanced Micro Devices AM79C970 Datasheet HTML 147Page - Advanced Micro Devices AM79C970 Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 168 page
background image
P R E L I M I N A R Y
AMD
1-1011
Am79C970
SWITCHING WAVEFORMS: 10BASE-T Interface
TXD+
TXP+
TXD–
TXP–
XMT
(Note 1)
tXMTOFF
tTR
tTF
tTETD
tXMTON
18220C-43
Note:
1. Internal signal and is shown for clarification only.
Transmit Timing
TXD+
18220C-44
tPERLP
tPWLP
tPWPLP
TXP+
TXD–
TXP–
Idle Link Test Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More