Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970 Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 5Page - Advanced Micro Devices AM79C970 Datasheet HTML 6Page - Advanced Micro Devices AM79C970 Datasheet HTML 7Page - Advanced Micro Devices AM79C970 Datasheet HTML 8Page - Advanced Micro Devices AM79C970 Datasheet HTML 9Page - Advanced Micro Devices AM79C970 Datasheet HTML 10Page - Advanced Micro Devices AM79C970 Datasheet HTML 11Page - Advanced Micro Devices AM79C970 Datasheet HTML 12Page - Advanced Micro Devices AM79C970 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 168 page
background image
AMD
P R E L I M I N A R Y
1-876
Am79C970
RELATED PRODUCTS
Part No.
Description
Am79C98
Twisted-Pair Ethernet Transceiver (TPEX)
Am79C100
Twisted-Pair Ethernet Transceiver Plus (TPEX+)
Am7996
IEEE 802.3/Ethernet/Cheapernet Tap Transceiver
Am79C981
Integrated Multiport Repeater Plus
TM (IMR+TM)
Am79C987
Hardware Implemented Management Information Base
TM (HIMIBTM)
Am79C940
Media Access Controller for Ethernet (MACE
TM)
Am7990
Local Area Network Controller for Ethernet (LANCE)
Am79C90
CMOS Local Area Network Controller for Ethernet (C-LANCE)
Am79C900
Integrated Local Area Communications Controller
TM (ILACCTM)
Am79C960
PCnet-ISA Single-Chip Ethernet Controller (for ISA bus)
Am79C961
PCnet-ISA
+ Single-Chip Ethernet Controller (with Microsoft® Plug n’ Play support)
Am79C965
PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 486 and VL buses)
Am79C974
PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More