Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970 Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices AM79C970 Datasheet HTML 37Page - Advanced Micro Devices AM79C970 Datasheet HTML 38Page - Advanced Micro Devices AM79C970 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 168 page
background image
AMD
P R E L I M I N A R Y
1-902
Am79C970
18220C-16
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1234567
8
MD1*
0000
0110
11
10
9
PAR
PAR
PAR
DATA
MD0*
DATA
0000
0110
PAR
PAR
DEVSEL is sampled by the PCnet-PCI controller.
* Note that Message Descriptor addresses 1 and 0 are in descending order.
Figure 14. Descriptor Ring Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More