Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega64 Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce ATmega64
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64 Fiches technique(HTML) 3 Page - ATMEL Corporation

  ATmega64 Datasheet HTML 1Page - ATMEL Corporation ATmega64 Datasheet HTML 2Page - ATMEL Corporation ATmega64 Datasheet HTML 3Page - ATMEL Corporation ATmega64 Datasheet HTML 4Page - ATMEL Corporation ATmega64 Datasheet HTML 5Page - ATMEL Corporation ATmega64 Datasheet HTML 6Page - ATMEL Corporation ATmega64 Datasheet HTML 7Page - ATMEL Corporation ATmega64 Datasheet HTML 8Page - ATMEL Corporation ATmega64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ASF
3
• SAM D09
• SAM D10
• SAM D11
• SAM D20
• SAM D21
• SAM G51
• SAM G53
• SAM G54
• SAM G55
• SAM L21
• SAM L22
• SAM R21
• SAM DA
• SAM C20
• SAM C21
• SAM V71
• SAM V70
• SAM S70
• SAM E70
• SAM B11
• SAM R30
• SAM HA1
Supported Tools
•
Atmel Studio 6.2/7.0 using GCC compiler - Visit www.atmel.com/atmelstudio -:
•
IAR EWAVR32 version 4.30
•
IAR EWAVR version 6.60
•
IAR EWARM version 7.50
Note:
•
Atmel Studio 6.0 version is not supported since ASF-3.6 extension.
•
XMEGA E support for Atmel Studio 6 requires the Atmel Studio 6 Part Pack for ATxmega32E5 installed and an
updated AVR GCC toolchain (3.4.0.84 or higher). Visit www.atmel.com/atmelstudio.
•
SAM D21 B&L series and SAMD21G17AU/SAMD21G17AU/SAMD21E15BU/SAMD21E16BU devices support
for Atmel Studio 6 requires the related Part Pack.
•
SAM C20/C21 devices support for Atmel Studio 6 requires the related Part Pack.
•
SAM L22 devices support for Atmel Studio 6 requires the related Part Pack.
•
SAM B11 devices support only for Atmel Studio 7 and requires the related Part Pack.
•
SAM R30 devices support only for Atmel Studio 7 and requires the related Part Pack.
•
SAM HA1 devices support only for Atmel Studio 7 and requires the related Part Pack.
Note: DataFlash®, QT™, QTouch®, STK® are Atmel trademarks: www2.atmel.com/About/trademark_usage.aspx.
Documentation
•
ASF getting started and reference manual: http://www.atmel.com/asf/.
•
ASF on-line documentation: http://asf.atmel.com/.
•
Atmel Studio 6 installer (includes ASF): www.atmel.com/atmelstudio
•
Atmel Studio 6 videos: http://www.atmel.com/microsite/atmel_studio6/videos.aspx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19