Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega64 Fiches technique(PDF) 11 Page - ATMEL Corporation

No de pièce ATmega64
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64 Fiches technique(HTML) 11 Page - ATMEL Corporation

Back Button ATmega64 Datasheet HTML 7Page - ATMEL Corporation ATmega64 Datasheet HTML 8Page - ATMEL Corporation ATmega64 Datasheet HTML 9Page - ATMEL Corporation ATmega64 Datasheet HTML 10Page - ATMEL Corporation ATmega64 Datasheet HTML 11Page - ATMEL Corporation ATmega64 Datasheet HTML 12Page - ATMEL Corporation ATmega64 Datasheet HTML 13Page - ATMEL Corporation ATmega64 Datasheet HTML 14Page - ATMEL Corporation ATmega64 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ASF
11
Release ASF3.6 (Internal, Jan 2013)
•
Added SAM4E support: WDT, TC, EEFC, PMC, clock, ioport, CMSIS, stdio, PIO, Flash, interrupt
•
Added XMEGA C3 Xplained demos: LED, switchs, QTouch, OLED, USB, SD card
•
Added megaRF drivers: interrupt, adc
•
Added SAM4L drivers: GPIO for event and interrupt, Watchdog, USB Host HID class, HMATRIX, CRCCU,
CMSIS DSPlib examples, FreeRTOS demo, Getting Started, IISC, improved TWIM with sleep manager support.
•
Added SAM4S-EK2 demo (same as SAM4S-EK)
•
Added examples for XMEGA-E5 Xplained board: XCL, USART
•
USB Device PHDC class is now compliant with the USB command verified tool 2.0 v1.4.9.2.
Release ASF3.5 (Nov 2012)
•
Added XMEGA E (STK600) support, added new XCL driver demo
•
Added XMEGA-C3 Xplained board support
•
Added SAM4SD32 and SAM4S-EK2 support
•
SD stack for SAM, UC3, XMEGA ready, with SPI and MMC interface. With file system example.
•
SAM4L: added AST, EIC, USB device HID, BPM, PDCA, TC, DACC, Flashcaldw, LCDCA, C42364
•
Updated CMSIS for SAM from v2.1 to 3.0
•
FatFs is now available in Atmel Studio ASF wizard
•
Added USB Host vendor class
•
megaRF: added GPIO and clock driver
•
Added new FreeRTOS specific driver for USART, SPI and TWI for SAM4S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19