Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4HD-EM Fiches technique(PDF) 21 Page - THOR communications

No de pièce 4HD-EM
Description  2ch or 4ch HD-SDI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THOR [THOR communications]
Site Internet  http://www.thorfiber.com
Logo THOR - THOR communications

4HD-EM Fiches technique(HTML) 21 Page - THOR communications

Back Button 4HD-EM Datasheet HTML 17Page - THOR communications 4HD-EM Datasheet HTML 18Page - THOR communications 4HD-EM Datasheet HTML 19Page - THOR communications 4HD-EM Datasheet HTML 20Page - THOR communications 4HD-EM Datasheet HTML 21Page - THOR communications 4HD-EM Datasheet HTML 22Page - THOR communications 4HD-EM Datasheet HTML 23Page - THOR communications 4HD-EM Datasheet HTML 24Page - THOR communications 4HD-EM Datasheet HTML 25Page - THOR communications Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
H-2/4HD-EM(S/H)
Input 2
Similarly, from the menu on left side of the webpage, clicking “Input 2”, it displays
the information of the programs (3
rd & 4th ones) from the 2ed SDI encoding module.
IP Output
Click “IP Output”, it will display the interface where to configure the output IP stream
in MPTS or SPTS the as Figure-4.
Figure-4
After setting the parameters, click “Apply” to save the settings.
This device supports 1 MPTS
& 4 SPTS IP output. Click the
related box to enable the
corresponding
program
to
output through IP Channel.
MPTS
4 SPTS for the 4 programs respectively
To configure the output IP
address and ports for the IP
Channels respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27