Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4HD-EM Fiches technique(PDF) 19 Page - THOR communications

No de pièce 4HD-EM
Description  2ch or 4ch HD-SDI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THOR [THOR communications]
Site Internet  http://www.thorfiber.com
Logo THOR - THOR communications

4HD-EM Fiches technique(HTML) 19 Page - THOR communications

Back Button 4HD-EM Datasheet HTML 15Page - THOR communications 4HD-EM Datasheet HTML 16Page - THOR communications 4HD-EM Datasheet HTML 17Page - THOR communications 4HD-EM Datasheet HTML 18Page - THOR communications 4HD-EM Datasheet HTML 19Page - THOR communications 4HD-EM Datasheet HTML 20Page - THOR communications 4HD-EM Datasheet HTML 21Page - THOR communications 4HD-EM Datasheet HTML 22Page - THOR communications 4HD-EM Datasheet HTML 23Page - THOR communications Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
H-2/4HD-EM(S/H)
4.2 Operation
When we confirm the login, it displays the WELCOME interface as shown in Figure-2.
Figure-2
Input 1
From the menu on left side of the webpage, click “Input 1”, it displays the
information of the programs (1
st & 2ed ones) from the 1st SDI encoding module as
Figure-3.
It automatically
identifies and
displays the signal
source interface and
real-time encoding
bit rate of
corresponding input
channel.
User can click any item
here to enter the
corresponding interface to
check information or set the
parameters.
TS indicators—Green
light indicates the TS is
normal, which otherwise
turns to red.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27