| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega128 Fiches technique(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 Fiches technique(HTML) 22 Page - ATMEL Corporation |
|
22 / 61 page ![]() Hardware Description 3-12 AVR STK500 User Guide 1925C–AVR–3/03 3.7.2.1 Parallel High-voltage Programming To use High-voltage Programming, the programming signal must be routed to the AVR I/O pins. The two 10-wire cables supplied with the STK500 can be used to connect the PROG DATA header to the PORTB header and the PROG CTRL header to the PORTD header, as shown in Figure 3-17. Figure 3-17. Connection for Parallel High-voltage Programming Some of the jumper settings on STK500 must be changed when using High-voltage Pro- gramming. Figure 3-18 explains these jumper settings. |