| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega128 Fiches technique(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 Fiches technique(HTML) 13 Page - ATMEL Corporation |
|
13 / 61 page ![]() Hardware Description AVR STK500 User Guide 3-3 1925C–AVR–3/03 3.3 Connection of LEDs and Switches Figure 3-4. Connection of LEDs and Switches to I/O Port Headers Any I/O port of the AVR can be connected to the LEDs and switches using the 10-wire cables. The headers are supplied with VTG (target V CC) and GND lines in addition to the signal lines. 3.4 Port Connectors The pinout for the I/O port headers is explained in Figure 3-5. The square marking indi- cates pin 1. Figure 3-5. General Pinout of I/O Port Headers The PORTE/AUX header has some special signals and functions in addition to the PORTE pins. The pinout of this header is shown in Figure 3-6. Px1 Px3 Px5 Px7 VTG Px0 Px2 Px4 Px6 GND 1 2 PORTx |