| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega8 Fiches technique(PDF) 57 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega8 Fiches technique(HTML) 57 Page - ATMEL Corporation |
|
57 / 61 page ![]() AVR STK500 User Guide 9-1 Rev. 1925C–AVR–3/03 Section 9 Example Applications 9.1 Using LEDs and Switches Connect PORTB to LEDS and PORTD to SWITCHES. LEDs will operate differently depending on what switch is pressed. Tip: Copy the code from this document into AVR Studio. ;***** STK500 LEDS and SWITCH demonstration .include “8515def.inc” .def Temp =r16 ; Temporary register .def Delay =r17 ; Delay variable 1 .def Delay2 =r18 ; Delay variable 2 ;***** Initialization RESET: ser Temp out DDRB,Temp ; Set PORTB to output ;**** Test input/output LOOP: out PORTB,temp ; Update LEDS sbis PIND,0x00 ; If (Port D, pin0 == 0) inc Temp ; then count LEDS one down sbis PIND,0x01 ; If (Port D, pin1 == 0) |