Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega8 Fiches technique(PDF) 22 Page - ATMEL Corporation

No de pièce ATmega8
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8 Fiches technique(HTML) 22 Page - ATMEL Corporation

Back Button ATmega8 Datasheet HTML 18Page - ATMEL Corporation ATmega8 Datasheet HTML 19Page - ATMEL Corporation ATmega8 Datasheet HTML 20Page - ATMEL Corporation ATmega8 Datasheet HTML 21Page - ATMEL Corporation ATmega8 Datasheet HTML 22Page - ATMEL Corporation ATmega8 Datasheet HTML 23Page - ATMEL Corporation ATmega8 Datasheet HTML 24Page - ATMEL Corporation ATmega8 Datasheet HTML 25Page - ATMEL Corporation ATmega8 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Hardware Description
3-12
AVR STK500 User Guide
1925C–AVR–3/03
3.7.2.1
Parallel High-voltage
Programming
To use High-voltage Programming, the programming signal must be routed to the AVR
I/O pins. The two 10-wire cables supplied with the STK500 can be used to connect the
PROG DATA header to the PORTB header and the PROG CTRL header to the PORTD
header, as shown in Figure 3-17.
Figure 3-17. Connection for Parallel High-voltage Programming
Some of the jumper settings on STK500 must be changed when using High-voltage Pro-
gramming. Figure 3-18 explains these jumper settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61