Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega16 Fiches technique(PDF) 57 Page - ATMEL Corporation

No de pièce ATmega16
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Fiches technique(HTML) 57 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 53Page - ATMEL Corporation ATmega16 Datasheet HTML 54Page - ATMEL Corporation ATmega16 Datasheet HTML 55Page - ATMEL Corporation ATmega16 Datasheet HTML 56Page - ATMEL Corporation ATmega16 Datasheet HTML 57Page - ATMEL Corporation ATmega16 Datasheet HTML 58Page - ATMEL Corporation ATmega16 Datasheet HTML 59Page - ATMEL Corporation ATmega16 Datasheet HTML 60Page - ATMEL Corporation ATmega16 Datasheet HTML 61Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
AVR STK500 User Guide
9-1
Rev. 1925C–AVR–3/03
Section 9
Example Applications
9.1
Using LEDs and
Switches
Connect PORTB to LEDS and PORTD to SWITCHES.
LEDs will operate differently depending on what switch is pressed.
Tip: Copy the code from this document into AVR Studio.
;***** STK500 LEDS and SWITCH demonstration
.include “8515def.inc”
.def
Temp
=r16
; Temporary register
.def
Delay
=r17
; Delay variable 1
.def
Delay2
=r18
; Delay variable 2
;***** Initialization
RESET:
ser
Temp
out
DDRB,Temp
; Set PORTB to output
;**** Test input/output
LOOP:
out
PORTB,temp
; Update LEDS
sbis
PIND,0x00
; If (Port D, pin0 == 0)
inc
Temp
; then count LEDS one down
sbis
PIND,0x01
; If (Port D, pin1 == 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61