| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega16 Fiches technique(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16 Fiches technique(HTML) 9 Page - ATMEL Corporation |
|
9 / 61 page ![]() Getting Started AVR STK500 User Guide 2-3 1925C–AVR–3/03 2.3.1 Connecting the Hardware Figure 2-2. Connection to STK500 To program the AT90S8515, connect the supplied 6-wire cable between the ISP6PIN header and the SPROG3 target ISP header as shown in Figure 2-1. Section 3.7.1 on page 3-9 describes the programming cable connections. Connect a serial cable to the connector marked “RS232 CTRL” on the evaluation board to a COM port on the PC as shown in Figure 2-2. Install AVR Studio software on the PC. Instructions on how to install and use AVR Studio are given in Section 5 on page 5-1. When AVR Studio is started, the program will automatically detect to which COM port the STK500 is connected. 2.3.2 Programming the Target AVR Device The STK500 is controlled from AVR Studio, version 3.2 and higher. AVR Studio is an integrated development environment (IDE) for developing and debugging AVR applica- tions. AVR Studio provides a project management tool, source file editor, simulator, in- circuit emulator interface and programming interface for STK500. To program a hex file into the target AVR device, select “STK500” from the “Tools” menu in AVR Studio. Select the AVR target device from the pull-down menu on the “Program” tab and locate the intel-hex file to download. Press the “Erase” button, followed by the “Program” button. The status LED will now turn yellow while the part is programmed, and when programming succeeds, the LED will turn green. If programming fails, the LED will turn red after programming. See the troubleshooting guide in Section 7 on page 7-1. To Computer (RS-232) 10 - 15V DC |