Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P12C508 Fiches technique(PDF) 66 Page - Microchip Technology

No de pièce P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Fiches technique(HTML) 66 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 62Page - Microchip Technology P12C508 Datasheet HTML 63Page - Microchip Technology P12C508 Datasheet HTML 64Page - Microchip Technology P12C508 Datasheet HTML 65Page - Microchip Technology P12C508 Datasheet HTML 66Page - Microchip Technology P12C508 Datasheet HTML 67Page - Microchip Technology P12C508 Datasheet HTML 68Page - Microchip Technology P12C508 Datasheet HTML 69Page - Microchip Technology P12C508 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
PIC12C5XX
DS40139A-page 66
Advance Information
© 1996 Microchip Technology Inc.
11.2
8-Lead Plastic Dual In-line (300 mil)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
–
4.064
–
0.160
A1
0.381
–
0.015
–
A2
3.048
3.810
0.120
0.150
B
0.355
0.559
0.014
0.022
B1
1.397
1.651
0.055
0.065
C
0.203
0.381
Typical
0.008
0.015
Typical
D
9.017
10.922
0.355
0.430
D1
7.620
7.620
Reference
0.300
0.300
Reference
E
7.620
8.255
0.300
0.325
E1
6.096
7.112
0.240
0.280
e1
2.489
2.591
Typical
0.098
0.102
Typical
eA
7.620
7.620
Reference
0.300
0.300
Reference
eB
7.874
9.906
0.310
0.390
L
3.048
3.556
0.120
0.140
N8
8
8
8
S
0.889
–
0.035
–
S1
0.254
–
0.010
–
α
C
eA
eB
N
Pin No. 1
Indicator
Area
E1
E
S
S1
D
B1
B
e1
D1
A1 A2 A
L
Base
Plane
Seating
Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84