Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P12C508 Fiches technique(PDF) 65 Page - Microchip Technology

No de pièce P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Fiches technique(HTML) 65 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 61Page - Microchip Technology P12C508 Datasheet HTML 62Page - Microchip Technology P12C508 Datasheet HTML 63Page - Microchip Technology P12C508 Datasheet HTML 64Page - Microchip Technology P12C508 Datasheet HTML 65Page - Microchip Technology P12C508 Datasheet HTML 66Page - Microchip Technology P12C508 Datasheet HTML 67Page - Microchip Technology P12C508 Datasheet HTML 68Page - Microchip Technology P12C508 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 65
PIC12C5XX
11.0
PACKAGING INFORMATION
11.1
Package Marking Information
8-Lead PDIP (300 mil)
Example
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
C = Chandler, Arizona, U.S.A.,
S = Tempe, Arizona, U.S.A.
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week
code, facility code, mask rev#, and assembly code.
For
OTP marking
beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in
QTP price.
8-Lead SOIC (200 mil)
Example
TO BE DETERMINED
TO BE DETERMINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84