| Moteur de recherche de fiches techniques de composants électroniques |
|
GXB2000 Fiches technique(PDF) 22 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 Fiches technique(HTML) 22 Page - Sony Corporation |
|
22 / 60 page ![]() S-14 GXB2000 No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 11000000 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 11011010 Header Satellite Nos. for 16 channels Value range: 1 to 64 0 is invalid. Terminator. "Z" + 80H — 9 5 18 1 20 2 6 12 — — — — — — — — — C0 09 05 12 01 14 02 06 0C — — — — — — — — DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-18. LF command (D-GPS valid time setting) 1-3-17. CH command (satellite No. setting during manual setting) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 4 11000111 0xxxxxxx 0xxxxxxx 11011010 Header D-GPS valid time Resolution: s Terminator. "Z" + 80H — — C7 DA After receiving the above command, the GPS side sends this command as a response. 1-3-19. EP1 command (receive ephemeris data) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 11001101 11011010 Header Terminator. "Z" + 80H — — CD DA Example After receiving the above command, the GPS side sends this command as a response. The NAVI (PC) side receives this command and then sends the ephemeris data to the GPS side. Example |