| Moteur de recherche de fiches techniques de composants électroniques |
|
GXB2000 Fiches technique(PDF) 15 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 Fiches technique(HTML) 15 Page - Sony Corporation |
|
15 / 60 page ![]() S-7 GXB2000 No. BIT 76543210 Contents Setting value Output data (HEX) 174 175 176 177 178 179 180 181 182 to 190 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 1101101 DARC/RTCM mode 0: DARC 1: RTCM PDOP limit value when D-GPS is on HDOP limit value when D-GPS is on PDOP limit value when D-GPS is off HDOP limit value when D-GPS is off Angle of elevation limit value Speed limit value Reserved Terminator. "Z" + 80H 1 1 1 1 1 1 1 — 01 01 01 01 01 01 00 01 DA Example |