| Moteur de recherche de fiches techniques de composants électroniques |
|
LTPH245 Fiches technique(PDF) 64 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
LTPH245 Fiches technique(HTML) 64 Page - Seiko Instruments Inc |
|
64 / 64 page ![]() 8-3 8.2 HEAD CLEANING PROCEDURE AND PRECAUTIONS 8.2.1 PRECAUTIONS 1) Do not clean the thermal head immediately after printing because thermal head and its periphery are hot during and after printing. 2) Do not use sandpaper, cutter knives etc. when cleaning. They will damage the heat elements. 8.2.2 PROCEDURE 1) Turn the release lever in the direction of the arrow shown in Figure 8-1. After confirming that the platen block has separated from the printer mechanism, lift the platen block up. 2) Clean the heat elements using alcohol and a cotton swab. 3) Wait until the alcohol dries and close the platen block. Heat Element Figure 8-3 Head Cleaning Procedure |