| Moteur de recherche de fiches techniques de composants électroniques |
|
LTPH245 Fiches technique(PDF) 52 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
LTPH245 Fiches technique(HTML) 52 Page - Seiko Instruments Inc |
|
52 / 64 page ![]() 6-1 6 HOUSING DESIGN GUIDE 6.1 SECURING THE PRINTER The main body of the printer and platen must be secured to the outer case separately with screws. 6.1.1 Printer Mounting Method Secure the printer in the 3 locations shown below (a,b,c). Holes A and B are used for positioning the main body of the printer. See "CHAPTER 7 APPEARANCE AND DIMENSIONS" for locations and dimensions. Figure 6-1 How to Secure the Printer Recommended Screws The recommended mounting screws are as follows: 1) Screw: M2.0 cross-recessed pan head machine screw 2) Screw: Pan head tapping screw 2.0 to secure resinated material CHAPTER |