Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI596 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI596
Description  Pb-free/RoHS-compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI596 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI596 Datasheet HTML 1Page - Silicon Laboratories SI596 Datasheet HTML 2Page - Silicon Laboratories SI596 Datasheet HTML 3Page - Silicon Laboratories SI596 Datasheet HTML 4Page - Silicon Laboratories SI596 Datasheet HTML 5Page - Silicon Laboratories SI596 Datasheet HTML 6Page - Silicon Laboratories SI596 Datasheet HTML 7Page - Silicon Laboratories SI596 Datasheet HTML 8Page - Silicon Laboratories SI596 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Si596
4
Rev. 1.0
Table 5. CLK± Output Phase Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Phase Jitter (RMS)1,2
for FOUT of 50 MHz < FOUT
810 MHz
J
Kv = 45 ppm/V
12 kHz to 20 MHz
0.5
ps
Kv = 95 ppm/V
12 kHz to 20 MHz
0.5
Kv = 125 ppm/V
12 kHz to 20 MHz
0.5
Kv = 185 ppm/V
12 kHz to 20 MHz
0.5
Kv = 380 ppm/V
12 kHz to 20 MHz
0.7
Notes:
1. Refer to AN256 for further information.
2. For best jitter and phase noise performance, always choose the smallest KV that meets the application’s minimum APR
requirements. See “AN266: VCXO Tuning Slope (KV), Stability, and Absolute Pull Range (APR)” for more information.
Table 6. CLK± Output Period Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter*
JPER
RMS
3
ps
Peak-to-Peak
35
*Note: Any output mode, including CMOS, LVPECL, LVDS, CML. N = 1000 cycles. Refer to AN279 for further information.
Table 7. CLK± Output Phase Noise (Typical)
Offset Frequency
74.25 MHz
185 ppm/V
LVPECL
148.5 MHz
185 ppm/V
LVPECL
155.52 MHz
95 ppm/V
LVPECL
Units
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
20 MHz
–77
–101
–121
–134
–149
–151
–150
–68
–95
–116
–128
–144
–147
–148
–77
–101
–119
–127
–144
–147
–148
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com