Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7221 Fiches technique(PDF) 25 Page - ams AG

No de pièce AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Fiches technique(HTML) 25 Page - ams AG

Back Button AS7221 Datasheet HTML 21Page - ams AG AS7221 Datasheet HTML 22Page - ams AG AS7221 Datasheet HTML 23Page - ams AG AS7221 Datasheet HTML 24Page - ams AG AS7221 Datasheet HTML 25Page - ams AG AS7221 Datasheet HTML 26Page - ams AG AS7221 Datasheet HTML 27Page - ams AG AS7221 Datasheet HTML 28Page - ams AG AS7221 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ams Datasheet
Page 25
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Package Drawings & Markings
Figure 30:
Package Drawing
Note(s):
1. XXXXX = tracecode
2. Unless otherwise specified, all dimensions are in millimeters.
3. Tolerances: Angular (±0.5°), Two Place Decimal (±0.015), Three Place Decimal (±0.010)
4. Contact finish is Au.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS
AS7221
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36